| 전자부품 데이터시트 검색엔진 |
|
AN1495 데이터시트(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1495 데이터시트(HTML) 22 Page - STMicroelectronics |
|
22 / 25 page ![]() Code AN1495 22/25 Doc ID 8700 Rev 3 ld a, (microtable2, x) ld y, torquescaler mul y, a ld TBOC1LR, y jp pwmend ; end of routine for forward step doclockrev: ;direction is reverse dec stepstate jrne rev002 bres PBDR, #5 ; activate reset to maintain sync rev002: ld a, stepstate and a, #%00011111 ld x,a inc a ; 7 or 8 =>> 8 or 9 and a, #%00001110 cp a, #8 ; 8 or 9 jrne rev001 bset PBDR,#4 ; rising edge for clock rev001: ld a,(microtable1,x) ld y,torquescaler mul y,a ld TAOC1LR, y ld a, (microtable2,x) ld y, torquescaler mul y, a ld TBOC1LR, y jp pwmend ; The lookup table holds the magnitude of a sine wave normalized to a peak value of 256. ; Each line of 16 entries represents 90 degrees or one full step (thus 16 microsteps per step). ; Table reference labels at 45 degrees (microtable1) and 135 degrees (microtable2) are provided for convenience ; to allow easy lookup of two waveforms with 90 degree phase relationship. ; Since only five bits (0 to 31) of the stepstate table index are used, references using microtable1 roll over through ; just the first two lines of the table while references using microtable2 stay within |