전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1518 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 AN1518
상세설명  The L5973D is a step-down monolithic power switching regulator capable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1518 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button AN1518 Datasheet HTML 22Page - STMicroelectronics AN1518 Datasheet HTML 23Page - STMicroelectronics AN1518 Datasheet HTML 24Page - STMicroelectronics AN1518 Datasheet HTML 25Page - STMicroelectronics AN1518 Datasheet HTML 26Page - STMicroelectronics AN1518 Datasheet HTML 27Page - STMicroelectronics AN1518 Datasheet HTML 28Page - STMicroelectronics AN1518 Datasheet HTML 29Page - STMicroelectronics AN1518 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Application ideas
AN1518
28/30
10.6
External SOFT_START network
At start-up the device can quickly increase the current up to the current limit in order to
charge the output capacitor. If soft ramp-up of the output voltage is required, an external
soft-start network can be implemented as shown in Figure 29. The capacitor C is charged
up to an external reference through R and the BJT clamps the COMP pin.
This clamps the duty cycle, limiting the slew rate of the output voltage.
Figure 29.
Soft start network example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30