전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2173 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN2173
상세설명  Using a VIPer12-based Power Supply to Replace a Wall Transformer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2173 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN2173 Datasheet HTML 3Page - STMicroelectronics AN2173 Datasheet HTML 4Page - STMicroelectronics AN2173 Datasheet HTML 5Page - STMicroelectronics AN2173 Datasheet HTML 6Page - STMicroelectronics AN2173 Datasheet HTML 7Page - STMicroelectronics AN2173 Datasheet HTML 8Page - STMicroelectronics AN2173 Datasheet HTML 9Page - STMicroelectronics AN2173 Datasheet HTML 10Page - STMicroelectronics AN2173 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AN2173 - APPLICATION NOTE
1 VIPer12-based Power Supply Features and Assembly
7/15
1.3
Heat Sink Enhancement
The smaller layout, though useful for PCB space savings, is also prone to heat sink area
reduction. To enhance the cooling capacity for the VIPer12, mounting a small heat sink directly
in the holes with the 4 DRAIN pins in the VIPer12’s DIP package is recommended (see
Figure 5).
Figure 5.
Heat Sink Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15