전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2459 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 AN2459
상세설명  Digital Power Factor Correction for Tube Lamp Ballasts
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2459 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button AN2459 Datasheet HTML 25Page - STMicroelectronics AN2459 Datasheet HTML 26Page - STMicroelectronics AN2459 Datasheet HTML 27Page - STMicroelectronics AN2459 Datasheet HTML 28Page - STMicroelectronics AN2459 Datasheet HTML 29Page - STMicroelectronics AN2459 Datasheet HTML 30Page - STMicroelectronics AN2459 Datasheet HTML 31Page - STMicroelectronics AN2459 Datasheet HTML 32Page - STMicroelectronics AN2459 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
AN2459 - Application note
Components calculation
29/35
∆V
o is usually selected in the range 1 to 5% of the output voltage. Although ESR usually
does not affect the output ripple, it has to be taken into account for power loss calculations.
The total RMS capacitor ripple current, including mains frequency and switching frequency
components, is:
If the application has to guarantee a specified hold-up time, the selection criterion of the
capacitance will change: Co has to deliver the output power for a certain time (tHold) with a
specified maximum dropout voltage:
where Vo_min is the minimum output voltage value (which takes load regulation and output
ripple into account) and Vop_min is the minimum output operating voltage before the 'power
fail' detection from the downstream system supplied by the PFC.
A.3
Boost inductor
Designing the boost inductor involves several parameters and different approaches can be
followed. First, the inductance value must be defined. The inductance (L) is usually
determined so that the minimum switching frequency is greater than the maximum
frequency of the internal starter, to ensure a correct TM operation. Assuming unity PF, it is
possible to write:
Ton being the ON-time and Toff the OFF-time of the power MOSFET, ILpk the maximum peak
inductor current in a line cycle and
θ the instantaneous line phase (θ
∈ (0,π)). Note that the
ON-time is constant over a line cycle.
As previously mentioned, ILpk is twice the line-frequency peak current, which is related to
the input power and the line voltage:
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com