전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2487 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN2487
상세설명  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 데이터시트(HTML) 5 Page - STMicroelectronics

  AN2487 Datasheet HTML 1Page - STMicroelectronics AN2487 Datasheet HTML 2Page - STMicroelectronics AN2487 Datasheet HTML 3Page - STMicroelectronics AN2487 Datasheet HTML 4Page - STMicroelectronics AN2487 Datasheet HTML 5Page - STMicroelectronics AN2487 Datasheet HTML 6Page - STMicroelectronics AN2487 Datasheet HTML 7Page - STMicroelectronics AN2487 Datasheet HTML 8Page - STMicroelectronics AN2487 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AN2487
Overview
5/32
1
Overview
The IEEE 802.3af specification is intended to greatly simplify the wiring to remote
equipment by providing power over the same medium that carries the signal to/from the
equipment. Applications that particularly benefit from this concept are security cameras,
wireless access points, and internet telephones. Power wiring, with its associated conduit
installation and licensed electrician fees, is eliminated. The wiring voltage is kept to a safe
level, less than 60 volts DC. This voltage is not even applied to a connector until the
downstream equipment is determined to be connected and asking for power. Lower voltage
signaling is used to determine the need for power.
The cable voltage was selected so that existing 48 V telecom equipment could be used to
supply the power without requiring DC-DC conversion. Careful consideration was given to
existing communications wiring. Category 5 and 6 wiring and connectors can be used
unmodified to carry power, if the current is limited to values that cannot cause overheating.
Category 5 and 6 cables contain extra wire pairs that are unused in the present Ethernet
structure. These can be used to carry power (PSE(a) Pinout Alternative B), or the signal-
carrying twisted pairs themselves can carry power if center-tapped transformers are used to
inject and recover DC current (PSE Pinout Alternative A).
For further safety, the powered device (PD) must present a “maintain power” signature. If the
load is disconnected, the source cuts off power to the cable.
Isolation is required between the power source and the PD ground, if it exists. In some
applications this is not an issue, such as in plastic-cased standalone Ethernet devices
without external connections.
If external connections are required, the powered device's accessible metal must have a
local ground to avoid hazards caused by lightning-induced ground jumps.
1.1
Limitations on available power
Voltage must be kept below 60 V to meet IEC60950 and other specifications' safety limits.
The standard telecom battery voltage range is 44 V to 57 V.
Steady-state current must be kept under 350 mA to prevent excessive temperature rise in
the wire and connectors. (Higher current, 400 mA for 50ms max, can be used for startup.)
The 802.3af specification permits only one power scheme per channel, either unused pair or
simplex leads. Both schemes cannot be used together to increase available power.
Consequently, at low input voltage, a minimum power of only 15.4 W is available for any load
(350 mA at 44 V).
The specification also requires operation with 20 ohms of cable and connector resistance,
further limiting the minimum power available at the powered device input to 12.94 W.
The specification also requires that power of either polarity be accepted. A bridge rectifier
with its forward drop loss further reduces input power. At 350 mA, a 1N4004 diode drops 0.7
volts. Loss in a bridge built of parts similar to these is 0.49 W, leaving only 12.45 W at the
PD power supply input. At about 82% efficiency, the power converter can deliver no more
than approximately 10 W.
a.
PSE: power sourcing equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com