전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2559 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 AN2559
상세설명  System power supply board for digital solutions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2559 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button AN2559 Datasheet HTML 18Page - STMicroelectronics AN2559 Datasheet HTML 19Page - STMicroelectronics AN2559 Datasheet HTML 20Page - STMicroelectronics AN2559 Datasheet HTML 21Page - STMicroelectronics AN2559 Datasheet HTML 22Page - STMicroelectronics AN2559 Datasheet HTML 23Page - STMicroelectronics AN2559 Datasheet HTML 24Page - STMicroelectronics AN2559 Datasheet HTML 25Page - STMicroelectronics AN2559 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Bill of materials
AN2559
22/35
103
R103
3 k
Ω / 1%
SMD
0603
104
R104
3 k
Ω / 1%
SMD
0603
105
R105
200
Ω / 1%
SMD
0603
106
R106
6.8 k
Ω / 1%
SMD
0603
107
R107
9.1 k
Ω / 1%
SMD
0603
108
R108
820 k
Ω / 1%
SMD
0603
109
R109
3.3 k
Ω / 1%
SMD
0603
110
R201
1 k
Ω / 1%
SMD
0603
111
R202
2 k
Ω / 1%
SMD
0603
112
R203
3 k
Ω / 1%
SMD
0603
113
R204
3 k
Ω / 1%
SMD
0603
114
R205
200
Ω / 1%
SMD
0603
115
R206
6.8 k
Ω / 1%
SMD
0603
116
R207
9.1 k
Ω / 1%
SMD
0603
117
R208
820 k
Ω / 1%
SMD
0603
118
R209
51 k
Ω
SMD
0603
119
U1
L5970AD
SMD
SO-8
ST
L5970AD
120
U2
LK112_33
SMD
SOT23-5
ST
LK112M33TR
121
U3
L5970AD
SMD
SO-8
ST
L5970AD
122
U4
KF25_SOIC8
SMD
SO-8
ST
KF25BD-TR
123
U5
PM6680A
SMD
VFQFPN-
32 5X5
ST
PM6680A
124
U6
STM6719TEWB6F
SMD
SOT23-6
ST
STM6719TGWB6F
Table 7.
Bill of materials (continued)
Item
Part
Description
Type
Size
Manufacturer
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35