전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2809 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 AN2809
상세설명  The LED7706 consists of a high-efficiency monolithic boost converter and six controlled
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2809 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button AN2809 Datasheet HTML 14Page - STMicroelectronics AN2809 Datasheet HTML 15Page - STMicroelectronics AN2809 Datasheet HTML 16Page - STMicroelectronics AN2809 Datasheet HTML 17Page - STMicroelectronics AN2809 Datasheet HTML 18Page - STMicroelectronics AN2809 Datasheet HTML 19Page - STMicroelectronics AN2809 Datasheet HTML 20Page - STMicroelectronics AN2809 Datasheet HTML 21Page - STMicroelectronics AN2809 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
WLEDs test board
AN2809
18/22
10
WLEDs test board
The WLEDs test board here described mounts sixty vertical white LEDs (size 0603, 20 mA)
arranged in a 6 x 10 matrix.
Figure 13 shows an image of the board, whereas Figure 14
provides the schematic which can be used as reference to realize a customized board.
Several jumpers, switches and test points are provided to cover most of the test
configurations.
Figure 13.
WLEDs test board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22