| 전자부품 데이터시트 검색엔진 |
|
AN2835 데이터시트(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2835 데이터시트(HTML) 5 Page - STMicroelectronics |
|
5 / 21 page ![]() AN2835 The selected solution Doc ID 15073 Rev 1 5/21 2 The selected solution 2.1 The dual-buck converter topology The fundamental application circuit in Figure 2 is composed of a PFC stage and a power inversion stage. As the boost converter for power factor correction (PFC) is commonly used, only the power inversion stage is introduced in this application note. Figure 2. The fundamental diagram for the HID lamp ballast The full bridge inverter consists of two half bridge buck converters. This is shown in Figure 3. Both converters have the same L2 load, C2 and lamp. One of the buck converters (S2 and S4) works in high frequency (several tens of kHz) and the second buck converter (S3 and S5) works in complementarity with necessary dead time at a lower frequency (a few hundred Hertz). This kind of full bridge stage is also called dual-buck converter. Figure 3. The dual-buck converter The timing diagram in Figure 4 indicates the relationship of a dual-buck converter and lamp current. |