전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2836 데이터시트(PDF) 52 Page - STMicroelectronics

부품명 AN2836
상세설명  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 데이터시트(HTML) 52 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 48Page - STMicroelectronics AN2836 Datasheet HTML 49Page - STMicroelectronics AN2836 Datasheet HTML 50Page - STMicroelectronics AN2836 Datasheet HTML 51Page - STMicroelectronics AN2836 Datasheet HTML 52Page - STMicroelectronics AN2836 Datasheet HTML 53Page - STMicroelectronics AN2836 Datasheet HTML 54Page - STMicroelectronics AN2836 Datasheet HTML 55Page - STMicroelectronics AN2836 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
Demonstration boards
AN2836
52/57
Doc ID 15084 Rev 1
Figure 58.
EVAL6226QR electrical schematic
A.5
EVAL6227QR
A demonstration board has been produced to help the evaluation of the device in a QFN
package. The board implemets a typical application that can be used as a reference design
to drive a two-phase bipolar stepper motor up to 1 A DC, multiple DC motors and a wide
range of inductive loads.
Thanks to the small footprint of L6227Q (QFN 5x5 mm 32 leads), the PCB is very compact
(27x32 mm).
Figure 63 show the electrical schematic of the board. Table 7 gives the part list.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57