전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2847 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 AN2847
상세설명  This document provides application information for the low-voltage 3-axis digital output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2847 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button AN2847 Datasheet HTML 5Page - STMicroelectronics AN2847 Datasheet HTML 6Page - STMicroelectronics AN2847 Datasheet HTML 7Page - STMicroelectronics AN2847 Datasheet HTML 8Page - STMicroelectronics AN2847 Datasheet HTML 9Page - STMicroelectronics AN2847 Datasheet HTML 10Page - STMicroelectronics AN2847 Datasheet HTML 11Page - STMicroelectronics AN2847 Datasheet HTML 12Page - STMicroelectronics AN2847 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
AN2847
Start-up sequence
Doc ID 15136 Rev 2
9/31
Note:
BDU only guarantees that OUTX(Y, Z)_L and OUTX(X,Z)_H have been sampled at the
same moment. If the reading speed is too low, it is possible, for example, to read X and Y
sampled at T1 and Z sampled at T2.
2.2
Output data rate selection and reading timing
The output data rate is user selectable through the DRx bits of the CTRL_REG1 (20h)
register. At power-on-reset, the DRx are reset to 0, thus providing a default output data rate
of 50 Hz.
The analog signal coming from the mechanical sensor is filtered by a low pass filter before
being converted by the internal ADC. The frequency at -3 dB of the low pass filter
determines the effective system resolution. The cut-off frequency depends on the DR<1:0>
bits in the CTRL_REG1 (20h) register (
Table 2).
Note:
The output data rate precision is related to the internal oscillator; an error of +/- 10% should
be taken into account.
A typical reading period is defined which is 616 µs shorter than the output data rate period,
in order to prevent the loss of any data produced. During this time period the reading of the
data must be performed and the DataReady signal can be used as a trigger to begin the
reading sequence. At the end of the complete sequence, the DataReady signal goes down
and the rising edge that follows signals that new data are available. If this minimum reading
frequency is not observed, some data loss is possible and the DataReady signal is no
longer considered a trigger signal. The status register can be used to infer the occurrence of
an overrun.
Figure 1.
Reading timing
Table 2.
Output data rate
DR1, DR0
Output data rate
Analog filter
cut-off frequency (-3 dB)
00
50 Hz
37 Hz
01
100 Hz
74 Hz
10
400 Hz
292 Hz
11
1000 Hz
780 Hz
Table 3.
Timing value to prevent data loss
Time
Description
Typ
T0
Data rate
1/ODR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com