전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2937 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 AN2937
상세설명  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button AN2937 Datasheet HTML 25Page - STMicroelectronics AN2937 Datasheet HTML 26Page - STMicroelectronics AN2937 Datasheet HTML 27Page - STMicroelectronics AN2937 Datasheet HTML 28Page - STMicroelectronics AN2937 Datasheet HTML 29Page - STMicroelectronics AN2937 Datasheet HTML 30Page - STMicroelectronics AN2937 Datasheet HTML 31Page - STMicroelectronics AN2937 Datasheet HTML 32Page - STMicroelectronics AN2937 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
AN2937
Representative waveforms
Doc ID 15418 Rev 1
29/41
Figure 14.
OUT2 soft-end, no load
A power-up sequence for the switching sections can be selected by connecting one EN pin
to VREF2.
The section with the EN pin connected to VREF2 begins the soft-start only when the other
section is in regulation (its PGOOD is high) and makes a soft-end suddenly when the other
section is turned off (
Figure 15 and Figure 16).
Figure 15.
Tracking soft-start EN2 connected to VREF2, no loads applied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41