| 전자부품 데이터시트 검색엔진 |
|
AN2938 데이터시트(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2938 데이터시트(HTML) 22 Page - STMicroelectronics |
|
22 / 39 page ![]() Jumper settings AN2938 22/39 Doc ID 15429 Rev 1 9.17 MOSFET dual option, high side connection section 1 9.18 MOSFET dual option, high side connection section 2 Table 19. Jumper S17 DUAL_GATE_1 Position Connection of high side MOS (dual configuration) SHORTED Short this jumper to connect the HGATE1 drive to the MOSFET gate if dual MOSFETs are mounted. OPEN Leave this jumper open if MOSFET in single package is used. Table 20. Jumper S18 DUAL_GATE_2 Position Connection of high side MOS (dual configuration) SHORTED Short this jumper to connect the HGATE2 drive to the MOSFET gate if dual MOSFET are mounted. OPEN Leave this jumper open if MOSFET in single package is used. |