전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3028 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 AN3028
상세설명  demonstration board using the VIPer16LN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3028 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button AN3028 Datasheet HTML 18Page - STMicroelectronics AN3028 Datasheet HTML 19Page - STMicroelectronics AN3028 Datasheet HTML 20Page - STMicroelectronics AN3028 Datasheet HTML 21Page - STMicroelectronics AN3028 Datasheet HTML 22Page - STMicroelectronics AN3028 Datasheet HTML 23Page - STMicroelectronics AN3028 Datasheet HTML 24Page - STMicroelectronics AN3028 Datasheet HTML 25Page - STMicroelectronics AN3028 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Burst mode and output voltage ripple
AN3028
22/37
Doc ID 16135 Rev 1
Table 16.
POUT at PIN = 1 W
VIN_AC
PIN (W)
POUT (W)
efficiency (%)
Without
self-supply
With
self-supply
Without
self-supply
With
self-supply
90
1
0.786
0,629
78.66
62,88
115
1
0.786
0,613
78.56
61,27
150
1
0.722
0,566
72,27
56,52
180
1
0.722
0,471
72,27
47,10
230
1
0.675
0,464
67,51
46,40
265
1
0.677
0,410
67,68
41,03
Figure 24.
POUT at PIN = 1 W
a) without self-supply (J2 selected)
b) with self-supply (J and J2 not selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37