전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P112000 데이터시트(PDF) 1 Page - Tripp Lite. All Rights Reserved

부품명 P112000
상세설명  AT Serial to PS-2 Combo Mouse Adapter (Mini-DIN6 to DB9 F-F)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P112000 데이터시트(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P112000 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P112000 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AT Serial to PS/2 Combo Mouse Adapter (Mini-DIN6
to DB9 F/F)
MODEL NUMBER: P112-000
Description
Tripp Lite's combination mouse adapter works only with Microsoft/Logitech combination mice. This adapter, with its MiniDIN6 female to DB9 female connectors,
Allows a Microsoft or Logitech combination mouse with a PS/2 cable to be connected to an AT style computer serial port.
Features
Allows Microsoft or Logitech combination mouse with a PS/2 cable to connect to an AT style computer's serial port
MiniDIN6 female to DB9 female connectors
Specifications
OVERVIEW
Cable Type
Serial
PHYSICAL
Color
White
CONNECTIONS
Connector A
MINI DIN-6 (FEMALE)
Connector B
DB9 (FEMALE)
SPECIAL FEATURES
Chromebook Compatible
No
Highlights
Use this adapter to convert a
CPU's DB9 serial port to accept
a PS/2 mouse or Keyboard
Converts a male DB9 port into a
PS/2 female port
System Requirements
IBM compatible PC with a DB9
serial mouse port
Microsoft or Logitech combination
mouse with PS/2 cable
Package Includes
Mouse adapter PS2 to serial
DIN6F to DB9F MS/Logitech
1 / 2


유사한 부품 번호 - P112000

제조업체부품명데이터시트상세설명
logo
Pletronics, Inc.
P1120-3SDESV PLETRONICS-P1120-3SDESV Datasheet
81Kb / 7P
P113SD Series 3.3 V CMOS Clock Oscillators
P1120-3SDESW PLETRONICS-P1120-3SDESW Datasheet
80Kb / 7P
P113SD Series 2.5 V CMOS Clock Oscillators
P1120-3SDESX PLETRONICS-P1120-3SDESX Datasheet
78Kb / 7P
P113SD Series 1.8 V CMOS Clock Oscillators
logo
Wuxi U-NIKC Semiconduct...
P1120EDB UNIKC-P1120EDB Datasheet
802Kb / 8P
N-Channel Enhancement Mode MOSFET
P1120ETFB UNIKC-P1120ETFB Datasheet
813Kb / 8P
N-Channel Enhancement Mode MOSFET
More results

유사한 설명 - P112000

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
U219-000-R TRIPPLITE-U219-000-R Datasheet
485Kb / 3P
USB to PS/2 Adapter - Keyboard and Mouse (A M to 2x Mini-Din6 F)
U219000R TRIPPLITE-U219000R Datasheet
479Kb / 2P
USB to PS-2 Adapter - Keyboard and Mouse (A M to 2x Mini-Din6 F)
P108000R TRIPPLITE-P108000R Datasheet
468Kb / 2P
PS-2 to at Serial IBM Keyboard Adapter (DIN5 to Mini-DIN6 M-F)
P222006 TRIPPLITE-P222006 Datasheet
468Kb / 2P
PS-2 Keyboard or Mouse Extension Cable (Mini-DIN6 M-F), 6-ft
P222010 TRIPPLITE-P222010 Datasheet
469Kb / 2P
PS-2 Keyboard or Mouse Extension Cable (Mini-DIN6 M-F), 10-ft
P222015 TRIPPLITE-P222015 Datasheet
468Kb / 2P
PS-2 Keyboard or Mouse Extension Cable (Mini-DIN6 M-F), 15-ft
P222025 TRIPPLITE-P222025 Datasheet
467Kb / 2P
PS-2 Keyboard or Mouse Extension Cable (Mini-DIN6 M-F), 25-ft
P222050 TRIPPLITE-P222050 Datasheet
467Kb / 2P
PS-2 Keyboard or Mouse Extension Cable (Mini-DIN6 M-F), 50-ft
P222-025 TRIPPLITE-P222-025 Datasheet
152Kb / 2P
PS/2 Keyboard or Mouse Extension Cable (Mini-DIN6 M/F), 25-ft.
P222-050 TRIPPLITE-P222-050 Datasheet
152Kb / 2P
PS/2 Keyboard or Mouse Extension Cable (Mini-DIN6 M/F), 50-ft.
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com