전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3971 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 AN3971
상세설명  For photovoltaic standalone installations
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3971 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button AN3971 Datasheet HTML 5Page - STMicroelectronics AN3971 Datasheet HTML 6Page - STMicroelectronics AN3971 Datasheet HTML 7Page - STMicroelectronics AN3971 Datasheet HTML 8Page - STMicroelectronics AN3971 Datasheet HTML 9Page - STMicroelectronics AN3971 Datasheet HTML 10Page - STMicroelectronics AN3971 Datasheet HTML 11Page - STMicroelectronics AN3971 Datasheet HTML 12Page - STMicroelectronics AN3971 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AN3971
Optimizing the energy from the panel
Doc ID 022119 Rev 2
9/28
Figure 7.
System architecture
The SPV1020 only implements an interleaved 4-boost converter, causing a voltage increase
from input to output, so in order to charge a lead acid battery, it is mandatory to use a panel
with Voc <= V_batt_min, just to keep a step-up voltage configuration.
If a 12 V battery charging is needed, it is necessary to add an additional buck stage to the
system, in order to decrease the output voltage from STEVAL-ISV005V2 higher than
Vbatt_min. A generic schematic may be that in the image below:
Figure 8.
Architecture with DC-DC buck converter (for 12 V batteries)
IOUT control
R18
R19
R9
Vctrl
Vin_sns
SPV1020
PV +
R1
R2
PV -
R17
SEA05
PZ_Out
Vout_sns
Vbatt +
Vbatt -
AM10277V1
AM10278V1
Vbatt
SPV1020
DC/DC
Buck
converter
IOUT control
PZOUT
VINsns
L1
L2
L3
L4
VOUTsns
VOUT
Feedback Pin
SEA05
OUT
VCTRL
GND
Ipv
Ibatt
Energy Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28