전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3980 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 AN3980
상세설명  This application note describes the implementation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3980 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button AN3980 Datasheet HTML 10Page - STMicroelectronics AN3980 Datasheet HTML 11Page - STMicroelectronics AN3980 Datasheet HTML 12Page - STMicroelectronics AN3980 Datasheet HTML 13Page - STMicroelectronics AN3980 Datasheet HTML 14Page - STMicroelectronics AN3980 Datasheet HTML 15Page - STMicroelectronics AN3980 Datasheet HTML 16Page - STMicroelectronics AN3980 Datasheet HTML 17Page - STMicroelectronics AN3980 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
AN3980
dSPIN.c file content
Doc ID 022200 Rev 1
14/18
5
dSPIN.c file content
dSPIN.c is the library source file. It contains all the L6470 commands and the
implementation of other support functions.
It starts with the dSPIN_Peripherals_Init function which configures all the required
microcontroller peripherals (GPIOs, SPI) and it is called at the beginning of the main
program loop. The function considers signal assignments made in the dSPIN.h file.
The dSPIN_Regs_Struct_Reset function fills all the structure fields with default values.
The dSPIN_Registers_Set function programs all parameters into L6470 internal registers.
It uses pointer-to-structure as the input parameter, so the structure must be filled properly in
advance of this function call.
The dSPIN.c file contains all the dSPIN commands and the implementation of other support
functions. The code is well commented, please refer directly to the file for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19