전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4027 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 AN4027
상세설명  This application note describes the EVL6699-150W-SR demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4027 데이터시트(HTML) 1 Page - STMicroelectronics

  AN4027 Datasheet HTML 1Page - STMicroelectronics AN4027 Datasheet HTML 2Page - STMicroelectronics AN4027 Datasheet HTML 3Page - STMicroelectronics AN4027 Datasheet HTML 4Page - STMicroelectronics AN4027 Datasheet HTML 5Page - STMicroelectronics AN4027 Datasheet HTML 6Page - STMicroelectronics AN4027 Datasheet HTML 7Page - STMicroelectronics AN4027 Datasheet HTML 8Page - STMicroelectronics AN4027 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
April 2014
DocID022604 Rev 3
1/41
AN4027
Application note
12 V - 150 W resonant converter with synchronous rectification
using the L6563H, L6699 and SRK2000A
Claudio Spini
Introduction
This application note describes the EVL6699-150W-SR demonstration board features,
a 12 V - 150 W converter tailored to a typical specification of an all-in-one (AIO) computer
power supply or a high power adapter.
The architecture is based on a two-stage approach: a front-end PFC pre-regulator based on
the L6563H TM PFC controller and a downstream LLC resonant half bridge converter using
the new L6699 resonant controller. The L6699 device integrates some very innovative
functions such as self-adjusting adaptive deadtime, anti-capacitive mode protection and
proprietary “safe-start” procedure preventing hard switching at startup.
Thanks to the chipset used, the main features of this power supply are very high efficiency,
compliant with ENERGY STAR® eligibility criteria for adapters (ENERGY STAR® rev. 2.0 for
external power supplies) and with the latest ENERGY STAR® qualification criteria for
computers (ENERGY STAR® ver. 6.0 for computers). The power supply also has very good
efficiency at light load too and no load input power consumption is very low as well, making
the board compliant with the requirements of the latest European Code of Conduct (CoC)
Tier 2 and EuP Lot 6 Tier 2.
Figure 1. EVL6699-150W-SR: 150 W SMPS demonstration board
www.st.com


유사한 부품 번호 - AN4027

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
AN4021 STMICROELECTRONICS-AN4021 Datasheet
126Kb / 10P
Calculation of reverse losses in a power diode
26-Apr-2012
AN4022 STMICROELECTRONICS-AN4022 Datasheet
383Kb / 15P
TVS short pulse dynamic resistance measurement and correlation with TVS clamping voltage during ESD
30-Oct-2013
logo
Freescale Semiconductor...
AN4025 FREESCALE-AN4025 Datasheet
2Mb / 31P
Implementing a Glucometer and Blood Pressure Monitor Medical Devices
logo
STMicroelectronics
AN4026 STMICROELECTRONICS-AN4026 Datasheet
994Kb / 40P
using the L6563H and L6699
23-Jul-2012
More results

유사한 설명 - AN4027

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
AN3385 STMICROELECTRONICS-AN3385 Datasheet
827Kb / 15P
This application note describes the STEVAL-CCA027V1 demonstration
01-Oct-2012
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
This application note describes the operations
18-Sep-2013
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
This application note describes the characteristics
06-Oct-2014
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
This application note describes the characteristics
13-Jan-2011
AN3360 STMICROELECTRONICS-AN3360 Datasheet
2Mb / 16P
This application note describes the demonstration board
21-Jul-2011
AN3980 STMICROELECTRONICS-AN3980 Datasheet
792Kb / 19P
This application note describes the implementation
22-Nov-2011
AN4163 STMICROELECTRONICS-AN4163 Datasheet
3Mb / 33P
This application note describes the demonstration board EVL4984-350W
20-Jun-2013
AN4599 STMICROELECTRONICS-AN4599 Datasheet
906Kb / 26P
This application note describes the features
03-Feb-2015
AN1772 STMICROELECTRONICS-AN1772 Datasheet
80Kb / 8P
This Application Note describes the problems
27-Nov-2003
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
This application note describes the ProxSense
12-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com