전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4085 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 AN4085
상세설명  STMicroelectronics has developed micro battery products
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4085 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button AN4085 Datasheet HTML 8Page - STMicroelectronics AN4085 Datasheet HTML 9Page - STMicroelectronics AN4085 Datasheet HTML 10Page - STMicroelectronics AN4085 Datasheet HTML 11Page - STMicroelectronics AN4085 Datasheet HTML 12Page - STMicroelectronics AN4085 Datasheet HTML 13Page - STMicroelectronics AN4085 Datasheet HTML 14Page - STMicroelectronics AN4085 Datasheet HTML 15Page - STMicroelectronics AN4085 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Available power management IC’s and tools
AN4085
14/16
DocID023052 Rev 2
The Figure 13 shows the EFL700EVALKIT which is including the EFL700PMB board and a
load board. Its features are:
•
Includes an analogical ammeter and a digital voltmeter to monitor:
–
the current delivered by the source
–
the current going through the EFL700A39 battery
–
the battery voltage
•
Includes a pulsed load emulator with the possibility to adjust the pulsed load cyclic
ratio.
For additional information, refer to the STMicroelectronics UM1806 user manual
"EFL700A39 evaluation board kits and design-in board user guide".
This document is available on the "EnFilm: Thin-film batteries" dedicated page of the
STMicroelectronics web site (http://www.st.com).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16