전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4130 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 AN4130
상세설명  LED driver using the HVLED815PF
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4130 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button AN4130 Datasheet HTML 25Page - STMicroelectronics AN4130 Datasheet HTML 26Page - STMicroelectronics AN4130 Datasheet HTML 27Page - STMicroelectronics AN4130 Datasheet HTML 28Page - STMicroelectronics AN4130 Datasheet HTML 29Page - STMicroelectronics AN4130 Datasheet HTML 30Page - STMicroelectronics AN4130 Datasheet HTML 31Page - STMicroelectronics AN4130 Datasheet HTML 32Page - STMicroelectronics AN4130 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
AN4130
Design guidance
Doc ID 023315 Rev 1
29/41
4.13
EMI filter and dimming
4.13.1
Damping the input filter
When the unit is dimmed a large transient voltage appears on the filter input capacitor:
Figure 35.
Undamped input filter waveforms with Triac dimmer
To maintain Triac holding current, the ringing must be damped. The best way to do this is to
add an R-C network across the filter output, where the network impedance is highest.
Ideally, the input current waveform should look like this:
Figure 36.
Properly damped waveforms
Actually, some high-frequency ringing can be tolerated, if the current reversal time is less
than the turn-off time of the Triac, about 20 microseconds. The input filter, however, would
ring at about:
Equation 8
so current reversal time would be in the 70 microsecond range. Damping is required.
The filter’s output impedance is high, the impedance at the line end is low. In fact, the line
end of the network is much less than the 100
Ω of the LISN at the ringing frequency, almost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41