전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4164 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 AN4164
상세설명  This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4164 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button AN4164 Datasheet HTML 30Page - STMicroelectronics AN4164 Datasheet HTML 31Page - STMicroelectronics AN4164 Datasheet HTML 32Page - STMicroelectronics AN4164 Datasheet HTML 33Page - STMicroelectronics AN4164 Datasheet HTML 34Page - STMicroelectronics AN4164 Datasheet HTML 35Page - STMicroelectronics AN4164 Datasheet HTML 36Page - STMicroelectronics AN4164 Datasheet HTML 37Page - STMicroelectronics AN4164 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
AN4164
Test equipment and measurement of efficiency and light load performance
Doc ID 023660 Rev 1
35/38
observed, the UUT can be considered stable and the measurements can be recorded at the
end of the 5-minute period. If AC input power is not stable over a 5-minute period, the
average power or accumulated energy is measured over time for both AC input and DC
output.
Some wattmeter models allow the measured input power to be integrated in a time range
and then the energy absorbed by the UUT to be measured during the integration time. The
average input power is calculated by dividing it by the integration time itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38