전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAAPSS0075 데이터시트(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

부품명 MAAPSS0075
상세설명  Linear Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAPSS0075 데이터시트(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAPSS0075_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAPSS0075_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAPSS0075_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAPSS0075_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAPSS0075_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAPSS0075_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Linear Power Amplifier
2.4 - 2.5 GHz, 802.11b/g
Rev. V2
MAAPSS0075
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
MAAPSS0075 External Parts List
5
Evaluation Board Schematic
Transmission Line Dimensions, 0.20 mm thick FR4
Designator
Length (mil) *
Width (mil)
T1
190
15.0
T2
70
14.7
* From package edge to center of component
Recommended PCB Configuration
Designator
Value
Footprint Manufacturer
C1, C9
1.5 pF
0402
Murata
C2
1000 pF
0402
Murata
C3, C4, C7, C11, C12
0.1 µF
0402
Murata
C5, C8, C10
47 pF
0402
Murata
C6
10 µF
1206
AVX
L1
10 nH
0402
Coilcraft
R1
10 Ω
0402
Panasonic
R2
100K Ω
0402
Panasonic
R3
619 Ω
0402
Panasonic
5. Equivalent components can be substituted.



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com