전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MABACT0071 데이터시트(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

부품명 MABACT0071
상세설명  1:1 flux coupled Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0071 데이터시트(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MABACT0071_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0071_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0071_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABACT0071_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
1:1 flux coupled Transformer
3 MHz - 200 MHz
Rev. V3
MABACT0071
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Part Number
Description
MABACT0071
Tape & Reel
MABA-008350-CT71TB
Customer Evaluation Board
Ordering Information
Rev
Date
Description
ECO
V1
26 Jul 2005
New release
20047786
V2
03 Nov 2010
Change start Frequency from 0.3 to 3 MHz
20101811
V3
09/12/2011
Update part orientation.
CO-002862
ECO History
Recommended Maximum Ratings
Parameter
Units
Max
Min
Input Power
mW
250
DC Current
mA
240
Operating Temperature Range
ºC
+85
-40
Storage Temperature Range
ºC
+100
-55
Tape & Reel Information
Parameter
Units
Value
Qty per reel
-
2000
Reel size
mm
330
Tape width (W)
mm
12.0
Pitch (P1)
mm
8.0
A0
mm
4.50
B0
mm
4.50
K0
mm
2.73
Orientation
-
F5
Reference Application note ANI-019 for orientation
Temperature data available on request



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com