| 전자부품 데이터시트 검색엔진 |
|
UPD4704 데이터시트(PDF) 13 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD4704 데이터시트(HTML) 13 Page - NEC |
|
13 / 16 page ![]() 13 µPD4704 20 PIN PLASTIC SOP (300 mil) ITEM MILLIMETERS INCHES A B C E F G H I J 13.00 MAX. 1.27 (T.P.) 1.8 MAX. 1.55 7.7±0.3 0.78 MAX. 0.12 1.1 5.6 M 0.1±0.1 N 0.512 MAX. 0.031 MAX. 0.004±0.004 0.071 MAX. 0.061 0.303±0.012 0.220 0.043 0.005 0.050 (T.P.) P20GM-50-300B, C-4 P3 ° 3 ° +7 ° NOTE Each lead centerline is located within 0.12 mm (0.005 inch) of its true position (T.P.) at maximum material condition. D 0.40 0.016 +0.10 –0.05 K 0.20 0.008 +0.10 –0.05 L 0.6±0.2 0.024 0.10 –3 ° +7 ° –3 ° 0.004 +0.008 –0.009 +0.004 –0.002 +0.004 –0.003 A C D detail of lead end B H I L M J N M 110 11 20 |