| 전자부품 데이터시트 검색엔진 |
|
KIA7820API 데이터시트(PDF) 6 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
KIA7820API 데이터시트(HTML) 6 Page - KEC(Korea Electronics) |
|
6 / 20 page ![]() 2010. 5. 19 6/20 KIA7805AP~KIA7824AP Revision No : 1 KIA7808AP ELECTRICAL CHARACTERISTICS (VIN=14V, IOUT=500mA, 0 Tj 125 ) CHARACTERISTIC SYMBOL TEST CIRCUIT TEST CONDITION MIN. TYP. MAX. UNIT Output Voltage VOUT Fig. 1 Tj=25 , IOUT=100mA 7.7 8.0 8.3 V Input Regulation Reg line Fig. 1 Tj=25 10.5V VIN 25V - 6 160 mV 11V VIN 17V - 2 80 Load Regulation Reg load Fig. 1 Tj=25 5mA IOUT 1.5A - 12 160 mV 250mA IOUT 750mA - 4 80 Output Voltage VOUT Fig. 1 10.5V VIN 23V 7.6 - 8.4 V Quiescent Current IB Fig. 1 Tj=25 , IOUT=5mA - 4.3 8.0 mA Quiescent Current Change IB Fig. 1 10.5V VIN 25V - - 1.0 mA Output Noise Voltage VNO Fig. 2 Ta=25 , 10Hz f 100kHz - 70 - Vrms Ripple Rejection Ratio RR Fig. 3 f=120Hz, 11.5V VIN 21.5V, 58 74 - dB Dropout Voltage VD Fig. 1 IOUT=1.0A, Tj=25 - 2.0 - V Short Circuit Current Limit ISC Fig. 1 Tj=25 - 1.1 - A Average Temperature Coefficient of Output Voltage TCVO Fig. 1 IOUT=5mA, 0 Tj 125 - -1.0 - mV/ |