전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4354 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 AN4354
상세설명  This document describes the operation of the gate driving circuitry which
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4354 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button AN4354 Datasheet HTML 6Page - STMicroelectronics AN4354 Datasheet HTML 7Page - STMicroelectronics AN4354 Datasheet HTML 8Page - STMicroelectronics AN4354 Datasheet HTML 9Page - STMicroelectronics AN4354 Datasheet HTML 10Page - STMicroelectronics AN4354 Datasheet HTML 11Page - STMicroelectronics AN4354 Datasheet HTML 12Page - STMicroelectronics AN4354 Datasheet HTML 13Page - STMicroelectronics AN4354 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Gate drivers setup
AN4354
10/14
DocID025239 Rev 2
Figure 9. Gate charge graph
2.2
Deadtime (TDT)
The deadtime is a period between the end of the turn-off of a MOSFET and the turn-on of
the opposite one. This time is required to avoid cross conduction effects. The deadtime
duration should be proportional with the commutation time: faster commutations usually
allow shorter deadtime.
In most cases a deadtime between 125 and 375 ns is enough for proper operation.
2.3
Blanking time (TBLANK)
At the end of each commutation the sensing circuitry is disabled during the blanking time.
The duration of the blanking time depends on the characteristics of the MOSFETs, in
particular the body diode, the layout of the application and the commutation speed. These
parameters generate the electrical perturbations which must be masked in order to avoid
spurious triggering of the sensing circuitry.
In most cases a blanking time between 375 and 750 ns is enough for proper operation. For
very fast commutation speed the maximum blanking time value should be used.
2.4
Wrong setup issues
When the gate driver setup is not properly set the system operation is compromised.
If the gate charge is lower than the total gate charge, the MOSFET is not completely turned
on (Vgs is lower than VCC). According to the gap between the total gate charge and the
actual charge supplied by the gate drivers two different scenarios could occur.
In the first scenario the gate charge is enough to complete the Miller plateau region, but the
final Vgs is low (see Figure 10). In this case the Rds(ON) of the MOSFET is higher than the
target value increasing the power dissipation and lowering the overcurrent threshold. In fact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com