전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4355 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 AN4355
상세설명  The L6480 and L6482 devices are motor controllers providing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4355 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button AN4355 Datasheet HTML 12Page - STMicroelectronics AN4355 Datasheet HTML 13Page - STMicroelectronics AN4355 Datasheet HTML 14Page - STMicroelectronics AN4355 Datasheet HTML 15Page - STMicroelectronics AN4355 Datasheet HTML 16Page - STMicroelectronics AN4355 Datasheet HTML 17Page - STMicroelectronics AN4355 Datasheet HTML 18Page - STMicroelectronics AN4355 Datasheet HTML 19Page - STMicroelectronics AN4355 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Gate driving circuitry
AN4355
16/25
DocID025240 Rev 2
4.1
Turn-on sequence
When one of the external MOSFET must be turned-on the gate driving circuitry disables the
respective Miller clamp switch and starts forcing the programmed current into the gate. After
the controlled current time expires, the high-side and the low-side drivers act differently: the
low-side drivers do not limit the gate current; the high-side ones instead limit the gate
current to about 1 mA.
Figure 12. Turn-on sequence
4.2
Turn-off sequence
When one of the external MOSFET must be turned-off the gate driving circuitry starts
sinking the programmed current from the gate. At the beginning of the controlled current
time the gate current is set to the maximum for tboost time. After the controlled current time
expires, the Miller clamp switch is turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25