전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4545 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 AN4545
상세설명  VL6180X basic ranging application note
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4545 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button AN4545 Datasheet HTML 9Page - STMicroelectronics AN4545 Datasheet HTML 10Page - STMicroelectronics AN4545 Datasheet HTML 11Page - STMicroelectronics AN4545 Datasheet HTML 12Page - STMicroelectronics AN4545 Datasheet HTML 13Page - STMicroelectronics AN4545 Datasheet HTML 14Page - STMicroelectronics AN4545 Datasheet HTML 15Page - STMicroelectronics AN4545 Datasheet HTML 16Page - STMicroelectronics AN4545 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
DocID026571 Rev 1
13/27
AN4545
Typical ranging output
27
Figure 6. Graph of return signal rate vs. target distance. The test was performed in the
dark and with no cover glass.
4.3
Convergence time
Figure 7 shows the typical convergence time output from VL6180X for different targets at
different distances. The convergence time can provide useful information on how to
optimise VL6180X settings to perform more efficiently and reliably.
Note:
Cover glass can alter the return convergence time characteristics. We therefore recommend
the convergence time be re-re-characterized once the VL6180X has been integrated into
the final system before attempting to perform any system optimisation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27