전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P313001 데이터시트(PDF) 1 Page - Tripp Lite. All Rights Reserved

부품명 P313001
상세설명  3.5mm Mini Stereo Cable adapter Y Splitter for Speakers and Headphones (M to 2x F) 1-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P313001 데이터시트(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P313001 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P313001 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.5mm Mini Stereo Cable adapter Y Splitter for
Speakers and Headphones (M to 2x F) 1-ft.
MODEL NUMBER: P313-001
Description
Tripp Lite's 3.5mm Stereo Splitter Cable splits the audio signal from your computer to multiple speakers or, allows connection of two headphones to a single
iPod®, MP3 player or any audio device utilizing the 3.5mm stereo jack. Fully molded connectors ensure long life usability.
Features
Splits a stereo audio signal into two signals
Allows two headsets to attach to a single audio player
Fully-molded construction
Specifications
OVERVIEW
Display Style
Splitter
PRODUCT OVERVIEW
Product Overview
3.5mm Male to 2 x 3.5mm Female Stereo Splitter cable
INPUT
Cable Length (ft.)
1
Cable Length (m)
0.30
PHYSICAL
Color
Black
Highlights
Splits the audio signal from a
computer or MP3 device
Use two sets of headphones on a
single iPod or MP3 player
Package Includes
1-ft. 3.5mm Male to 2x 3.5mm
Female Splitter Cable
1 / 2


유사한 부품 번호 - P313001

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
P313 ETC2-P313 Datasheet
4Mb / 122P
E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
logo
Tripp Lite. All Rights ...
P313-001 TRIPPLITE-P313-001 Datasheet
152Kb / 2P
3.5mm Mini Stereo Cable adapter Y Splitter for Speakers and Headphones (M to 2x F) 1-ft.
P313-06N-WH TRIPPLITE-P313-06N-WH Datasheet
155Kb / 2P
3.5mm Mini Stereo Cable adapter Y Splitter for Speakers and Headphones (M to 2x F) White, 6-in.
logo
Connor-Winfield Corpora...
P313-155.52 CONNOR-WINFIELD-P313-155.52 Datasheet
130Kb / 2P
5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
More results

유사한 설명 - P313001

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
P311006 TRIPPLITE-P311006 Datasheet
468Kb / 2P
3.5mm Mini Stereo Audio Extension Cable for Speakers and Headphones (M-F), 6-ft
P311010 TRIPPLITE-P311010 Datasheet
467Kb / 2P
3.5mm Mini Stereo Audio Extension Cable for Speakers and Headphones (M-F), 10-ft
P311025 TRIPPLITE-P311025 Datasheet
468Kb / 2P
3.5mm Mini Stereo Audio Extension Cable for Speakers and Headphones (M-F), 25-ft
P312001 TRIPPLITE-P312001 Datasheet
478Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M-M), 1-ft
P311-006 TRIPPLITE-P311-006 Datasheet
152Kb / 2P
3.5mm Mini Stereo Audio Extension Cable for Speakers and Headphones (M/F), 6-ft.
P311-010 TRIPPLITE-P311-010 Datasheet
152Kb / 2P
3.5mm Mini Stereo Audio Extension Cable for Speakers and Headphones (M/F), 10-ft.
P311-025 TRIPPLITE-P311-025 Datasheet
152Kb / 2P
3.5mm Mini Stereo Audio Extension Cable for Speakers and Headphones (M/F), 25-ft.
P312-001 TRIPPLITE-P312-001 Datasheet
156Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 1-ft.
P313-001 TRIPPLITE-P313-001 Datasheet
152Kb / 2P
3.5mm Mini Stereo Cable adapter Y Splitter for Speakers and Headphones (M to 2x F) 1-ft.
P313-06N-WH TRIPPLITE-P313-06N-WH Datasheet
155Kb / 2P
3.5mm Mini Stereo Cable adapter Y Splitter for Speakers and Headphones (M to 2x F) White, 6-in.
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com