전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LT1311 데이터시트(PDF) 4 Page - Linear Technology

부품명 LT1311
상세설명  Quad 12MHz, 145ns Settling Precision Current-to-Voltage Converter for Optical Disk Drives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LT1311 데이터시트(HTML) 4 Page - Linear Technology

  LT1311 Datasheet HTML 1Page - Linear Technology LT1311 Datasheet HTML 2Page - Linear Technology LT1311 Datasheet HTML 3Page - Linear Technology LT1311 Datasheet HTML 4Page - Linear Technology LT1311 Datasheet HTML 5Page - Linear Technology LT1311 Datasheet HTML 6Page - Linear Technology LT1311 Datasheet HTML 7Page - Linear Technology LT1311 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1311
TYPICAL PERFORMANCE CHARACTERISTICS
0.1% Settling Time vs
Input Capacitance
SETTLING TIME (ns)
0
10
8
6
4
2
0
–2
–4
–6
–8
–10
1311 G07
400
100
200
300
500
1mV
1mV
10mV
10mV
0.1%
0.1%
VS = ±15V
RIN = 20k
RL = 1k
AV = –1
CAPACITIVE LOAD (pF)
1
240
230
220
210
200
190
180
170
160
150
140
10
100
1000
1311 G09
VS = ±5V
VOUT = 2V STEP
RIN = 100k
RL = 1k
Settling Time to 0.1%, 1mV,10mV
vs Output Step
INPUT CAPACITANCE (pF)
0
350
300
250
200
150
100
40
1311 G08
10
20
30
50
VS = ±5V
VOUT = 2V STEP
RIN = 100k
RL = 1k
0.1% Settling Time vs
Capacitive Load
FREQUENCY (Hz)
100k
70
60
50
40
30
20
10
0
–10
–20
–30
180
135
90
45
0
1M
10M
40M
1311 G10
VS = ±5V
RL = 2k
AV = 1
AV = 10
AV = 100
AV = 100, RIN = 200Ω
AV = 10, RIN = 2k
AV = 1, RIN = 20k
AV = 0.2, RIN = 100k
AV = 0.2
Gain and Phase vs Frequency
FREQUENCY (Hz)
100k
–8
–9
–10
–11
–12
–13
–14
–15
–16
–17
–18
1M
10M
40M
1311 G12
VS = ±5V
RIN = 100k
RL = 2k
CL = 500pF
CL = 200pF
CL = 0pF
CL = 100pF
CL = 100pF
CL = 50pF
FREQUENCY (Hz)
100k
–8
–9
–10
–11
–12
–13
–14
–15
–16
–17
–18
1M
10M
40M
1311 G11
VS = ±5V
RIN = 100k
RL = 2k
CIN = 50pF
CIN = 20pF
CIN = 10pF
CIN = 0pF
CIN = 1pF
CIN = 5pF
Frequency Response for
Various Input Capacitance
Frequency Response for Various
Capacitive Loads
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
90
70
50
30
10
–10
100k
1M
10M
1311 G13
10k
VS = ±5V
AV = 1
RL = ∞
POSITIVE
NEGATIVE
FREQUENCY (Hz)
0.001
0.01
0.1
100
10k
100k
1311 G14
10
1k
VS = ±15V
VOUT = 6.5VRMS
AV = –1
VS = ±5V
VOUT = 2VRMS
AV = –1
Total Harmonic Distortion
vs Frequency
FREQUENCY (Hz)
10
13
12
11
10
9
8
7
6
5
4
3
100
in
en
1k
10k
1311 G15
Noise Spectrum



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com