전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2385 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 AN2385
상세설명  Power dissipation and its linear derating factor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2385 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button AN2385 Datasheet HTML 6Page - STMicroelectronics AN2385 Datasheet HTML 7Page - STMicroelectronics AN2385 Datasheet HTML 8Page - STMicroelectronics AN2385 Datasheet HTML 9Page - STMicroelectronics AN2385 Datasheet HTML 10Page - STMicroelectronics AN2385 Datasheet HTML 11Page - STMicroelectronics AN2385 Datasheet HTML 12Page - STMicroelectronics AN2385 Datasheet HTML 13Page - STMicroelectronics AN2385 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Pulsed drain current (IDM)
AN2385
10/14
4
Pulsed drain current (IDM)
The Pulsed Drain Current (IDM) is the maximum current that the device can bring, excluding
the package limitation and considering a very short power pulsed interval time. It depends
on the guaranteed maximum gate-source voltage and on the device trans-conductance at
the specific IDM. In particular, IDM is the current that the device can bring with an applied
gate voltage equal to the guaranteed maximum permissible gate-source value when the
transistor works in switching mode and not in the linear zone (see Figure 6.).
Figure 6.
IDM determination considering the output characteristic
In order to establish the Pulsed Drain Current interval time, avoiding that the junction
temperature overcomes the maximum guaranteed value, the Junction to Case Maximum
Effective Transient Thermal Impedance must be considered (see Figure 7.).
Figure 7.
Junction to case maximum effective transient thermal impedance for TO-
220 package.
Considering that the Dissipated Power is equal to:
Equation 7
P
D
R
DSON 175
° CI
DM
,
()
()
I
DM
2
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14