전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2495 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 AN2495
상세설명  The purpose of this application note is to explain the design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2495 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button AN2495 Datasheet HTML 28Page - STMicroelectronics AN2495 Datasheet HTML 29Page - STMicroelectronics AN2495 Datasheet HTML 30Page - STMicroelectronics AN2495 Datasheet HTML 31Page - STMicroelectronics AN2495 Datasheet HTML 32Page - STMicroelectronics AN2495 Datasheet HTML 33Page - STMicroelectronics AN2495 Datasheet HTML 34Page - STMicroelectronics AN2495 Datasheet HTML 35Page - STMicroelectronics AN2495 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
AN2495
Board modifications
Doc ID 13127 Rev 5
33/36
R18
10 k
Ω
SMD standard film resistor - 1206 - 1%
R11
1
Ω
SMD standard film resistor - 1206 - 1%
R11b
0
Ω
SMD standard film resistor - 0805 - 1%
R13
1 k
Ω
SMD standard film resistor - 0805 - 1%
R14
56 k
Ω
SMD standard film resistor - 0805 - 1%
R15
1 k
Ω
SMD standard film resistor - 0805 - 1%
R16,
R17
1.6
Ω
Resistor, size 0207, metal film, 250 V, 0.6 W, 1%
R24
1.5 k
Ω
SMD standard film resistor - 0805 - 1%
R23
3.3 k
Ω
SMD standard film resistor - 0805 - 1%
R19,
R20
47 k
Ω
SMD standard film resistor - 0805 - 1%
R21
15 k
Ω
SMD standard film resistor - 0805 - 1%
R22
2.7 k
Ω
SMD standard film resistor - 0805 - 1%
R5
2.2
Ω
Resistor, size 0207, metal film, 250 V, 0.6 W, 1%
R8
1.1 M
Ω
Resistor, size 0207, metal film, 250 V, 0.6 W, 1%
R26
1.2 k
Ω
Resistor, size 0207, metal film, 250 V, 0.6 W, 5%
R1, R4
180 k
Ω
Resistor, size 0204, metal film, 250 V, 0.4 W, 1%
T1
45371
EGSTON power transformer
EGSTON 45371
T2
46836
Current transformer, toroid 12.5 mm, 46836
EGSTON 46836
U1
L6565N
STMicroelectronics, PWM SMPS controller, DIP-8
ST
ISO1
PC817B
Optocoupler, SHARP, DIP-4
U4
TL431AID
Voltage reference, 2.5 V, 1%, TO-92, -40...105 °C
ST
NTC1
10
Ω
NTC resistor 10
Ω; 16 mm
EPCOS B57237S
100M
Table 4.
Bill of material (continued)
Refe-
rence
Value / generic
part number
Package / class
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com