전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4191 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 AN4191
상세설명  This report shows the analysis performed on Power MOSFET devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4191 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button AN4191 Datasheet HTML 12Page - STMicroelectronics AN4191 Datasheet HTML 13Page - STMicroelectronics AN4191 Datasheet HTML 14Page - STMicroelectronics AN4191 Datasheet HTML 15Page - STMicroelectronics AN4191 Datasheet HTML 16Page - STMicroelectronics AN4191 Datasheet HTML 17Page - STMicroelectronics AN4191 Datasheet HTML 18Page - STMicroelectronics AN4191 Datasheet HTML 19Page - STMicroelectronics AN4191 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Conclusions
AN4191
18/20
Doc ID 023815 Rev 1
4
Conclusions
From the experimental results, we can summarize that a higher Rg value not only worsens
the MOSFET’s working conditions, by increasing the temperature and switching losses, it
also worsens application efficiency and working conditions by fully modifying the device’s
switching behavior and doesn't achieve the converter values set by design. Moreover, a
higher Rg heavily affects the driver/PWM controller safety working condition, forcing it to
sustain a higher temperature, as well as dissipating a larger power to charge up the
MOSFET input capacitance. It is also dangerous for producing the cross conduction that
may cause system disruption by the static dV/dt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20