| 전자부품 데이터시트 검색엔진 |
|
UM0969 데이터시트(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0969 데이터시트(HTML) 24 Page - STMicroelectronics |
|
24 / 46 page ![]() Description of jumpers, test pins, and connectors UM0969 24/46 Doc ID 17665 Rev 2 J19 BEMF daughter board connector 1 - phase A 2 - phase B 3 - phase C 4 - bus voltage 5 - 3.3 VDC 6 - VDD_micro 7 - GND 8 - PWM VREF J20 +15 V auxiliary supply 1 – +15 VDC 2 – GND J21 DC input 1 – GND 2 – +VDC J22 AC input 1 – AC input 2 – AC input J24 Tachometer input connector for AC motor speed loop control 1 - tachometer bias 2 - tachometer input Table 7. Connector pinout description (continued) Name Reference DEscription\pinout |