전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1691 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 UM1691
상세설명  The EVAL6470H-DISC can be used together
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1691 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button UM1691 Datasheet HTML 25Page - STMicroelectronics UM1691 Datasheet HTML 26Page - STMicroelectronics UM1691 Datasheet HTML 27Page - STMicroelectronics UM1691 Datasheet HTML 28Page - STMicroelectronics UM1691 Datasheet HTML 29Page - STMicroelectronics UM1691 Datasheet HTML 30Page - STMicroelectronics UM1691 Datasheet HTML 31Page - STMicroelectronics UM1691 Datasheet HTML 32Page - STMicroelectronics UM1691 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
DocID025486 Rev 2
29/41
UM1691
General description
41
In the second step, only the LEDs which correspond to the board ID are switched
on all at the same time.
For the L6470 device, there are green, orange, red LEDs.
Figure 23. Starting board (display board ID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41