전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1692 데이터시트(PDF) 41 Page - STMicroelectronics

부품명 UM1692
상세설명  The EVAL6472H-DISC can be used together
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1692 데이터시트(HTML) 41 Page - STMicroelectronics

Back Button UM1692 Datasheet HTML 34Page - STMicroelectronics UM1692 Datasheet HTML 35Page - STMicroelectronics UM1692 Datasheet HTML 36Page - STMicroelectronics UM1692 Datasheet HTML 37Page - STMicroelectronics UM1692 Datasheet HTML 38Page - STMicroelectronics UM1692 Datasheet HTML 39Page - STMicroelectronics UM1692 Datasheet HTML 40Page - STMicroelectronics UM1692 Datasheet HTML 41Page - STMicroelectronics UM1692 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
DocID025487 Rev 2
41/42
UM1692
References
42
5
References
This user manual provides information on the hardware features and use of the
EVAL6472H-DISC board along with the demonstration firmware and software. For
additional information, refer to the following:
1.
STM32F105xx/STM32F107xx datasheet (CD00220364)
2.
STM32F101xx, STM32F102xx, STM32F103xx, STM32F105xx and STM32F107xx
advanced ARM®-based 32-bit MCUs reference manual (RM0008).
6
Revision history
Table 4. Document revision history
Date
Revision
Changes
12-Dec-2013
1
Initial release.
17-Apr-2015
2
Updated Section : Introduction on page 1, Table 2 on
page 9 and Section 4.2.1 on page 13 (replaced
“L6472H” by “L6472”).
Removed Figure 5. Layout (silk screen) from page 9.
Replaced “dSPIN” by “L6472” and/or “motor” in the
whole document.
Updated Table 3 on page 13 (minor modifications).
Updated Section 4.5 on page 24 (replaced “FWPSPIN”
by “FWGUI”, removed “dSPIN” and web link).
Updated text above Figure 23 on page 29 (removed
L6470 device step).
Updated Section 4.5.2 on page 33 and Section 4.6.2 on
page 35 ( (removed L6470 device/board).
Updated Section 4.6.4 on page 40 (replaced “L6470H”
by “6472H”).
Updated 20. in Section : Various application commands
examples on page 38 (minor modifications).
Updated 1. and 2. in Section 5 on page 41.
Minor modifications throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42