전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1763 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 UM1763
상세설명  Description of STLUX385A examples kit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1763 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button UM1763 Datasheet HTML 8Page - STMicroelectronics UM1763 Datasheet HTML 9Page - STMicroelectronics UM1763 Datasheet HTML 10Page - STMicroelectronics UM1763 Datasheet HTML 11Page - STMicroelectronics UM1763 Datasheet HTML 12Page - STMicroelectronics UM1763 Datasheet HTML 13Page - STMicroelectronics UM1763 Datasheet HTML 14Page - STMicroelectronics UM1763 Datasheet HTML 15Page - STMicroelectronics UM1763 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Example V
UM1763
14/16
DocID026335 Rev 1
Figure 8. SMED 5 state machine
The main code simply takes care of initializing the I/O pins, it also enables the PLL
generating the 96 MHz clock for the SMEDs. Then it properly sets the DAC, the CPP2 and
CPP3 analog comparators so to configure them according to the high and low threshold
values. Finally it enables the SMED 5. As everything is set and since now everything will be
controlled by the SMED 5, the STM8 processor is halted to reduce power consumption.
Let's note that actually the SMED 5 is configured in a way that feedback from comparators
makes the PWM5 toggle. If the comparator feedback is missing, it gets stuck. Possible
evolution of this exercise can be to try modifying the finite state machine, so that the PWM5
restarts toggling after a max_time the SMED 5 gets stuck in a state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16