전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN390 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 AN390
상세설명  AVS kit guidelines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN390 데이터시트(HTML) 1 Page - STMicroelectronics

  AN390 Datasheet HTML 1Page - STMicroelectronics AN390 Datasheet HTML 2Page - STMicroelectronics AN390 Datasheet HTML 3Page - STMicroelectronics AN390 Datasheet HTML 4Page - STMicroelectronics AN390 Datasheet HTML 5Page - STMicroelectronics AN390 Datasheet HTML 6Page - STMicroelectronics AN390 Datasheet HTML 7Page - STMicroelectronics AN390 Datasheet HTML 8Page - STMicroelectronics AN390 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
January 2015
DocID3572 Rev 4
1/17
AN390
Application note
AVS kit guidelines
Introduction
The AC line voltage around the world varies widely. Power supply designers may overcome
this problem by using a doubler / bridge switch to double the 120 V nominal AC line voltage,
in case the application is plugged on 120 V AC mains. In case of operation on the 230 V AC
line voltage, the doubler switch is non-active. Thus, the input voltage of the application
power supply after the rectifier bridge is always close to the peak line voltage of 230 V AC
line whatever is the real line voltage.
The AVS kit is used to regulate the input voltage of power supplies which are mainly
switched mode power supplies (SMPS). AVS kit still allows EMC standard compliance
(inrush current limitation, conducted noise, noise immunity) as soon as a proper circuit is
designed.
AVS8, AVS10 and AVS12 are automatic AC line voltage selectors used in full range switch
mode power supply (SMPS). These automatic line voltage selectors are made of two
devices, an integrated circuit (IC) and a customized Triac. The Triac automatically modifies
the structure of the input diode bridge to keep the same DC voltage range thanks to the IC
control.
The purpose of this document is to describe the AVS kit features and explain how to adapt
the power supply to various nominal line voltages. This document also provides technical
recommendations in terms of how to implement the AVS kit in the application.
www.st.com


유사한 부품 번호 - AN390

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
AN3900NSC PANASONIC-AN3900NSC Datasheet
290Kb / 5P
Stereo Audio PLL IC for 8-mm Video Camera
More results

유사한 설명 - AN390

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
Layout Guidelines
logo
National Semiconductor ...
AN-2070 NSC-AN-2070 Datasheet
2Mb / 10P
AVS Adaptor Board for USB AVS System Mainboards
logo
STMicroelectronics
AN2716 STMICROELECTRONICS-AN2716 Datasheet
1Mb / 28P
STCC08 application guidelines
16-Jun-2010
AN4190 STMICROELECTRONICS-AN4190 Datasheet
1Mb / 29P
Antenna selection guidelines
23-Nov-2012
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
Si477X LAYOUT GUIDELINES
logo
Texas Instruments
LM10000 TI1-LM10000 Datasheet
1Mb / 22P
AVS System Controller
logo
Fairchild Semiconductor
AN4137 FAIRCHILD-AN4137 Datasheet
422Kb / 20P
Design Guidelines
AN4149 FAIRCHILD-AN4149 Datasheet
312Kb / 19P
Design Guidelines
logo
Lumileds Lighting Compa...
AB33 LUMILEDS-AB33 Datasheet
1Mb / 8P
Thermal Measurement Guidelines
logo
Microsemi Corporation
ZLK38AVS MICROSEMI-ZLK38AVS Datasheet
420Kb / 2P
ZLK38AVS Microsemi AcuEdge??Development Kit for Amazon AVS
1.0. 5/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com