전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN414 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 AN414
상세설명  Variable speed drives have become widespread in the home appliance field
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN414 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button AN414 Datasheet HTML 6Page - STMicroelectronics AN414 Datasheet HTML 7Page - STMicroelectronics AN414 Datasheet HTML 8Page - STMicroelectronics AN414 Datasheet HTML 9Page - STMicroelectronics AN414 Datasheet HTML 10Page - STMicroelectronics AN414 Datasheet HTML 11Page - STMicroelectronics AN414 Datasheet HTML 12Page - STMicroelectronics AN414 Datasheet HTML 13Page - STMicroelectronics AN414 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AN414
Conclusion
Doc ID 1876 Rev 2
11/14
4
Conclusion
Microcontrollers are often limited to controlling and monitoring the user interfaces. This
paper describes a digital solution based on a general purpose MCU with on-chip PWM
generator, the ST6265C. Besides the user interface such as an LCD drive, the MCU
controls directly a DC motor with few external components and sophisticated control. A
simple instruction set and the use of look-up tables allow for a short time-to-market, while
avoiding the investment into an ASIC circuit. The demonstrated concept is applicable to
home appliances (food processor, washing machine, refrigerator, HVAC ...) and to industrial
applications where high speed accuracy is not required (pumps, fans ...).
5
References
[1] - Microcontroller and TRIAC on 120/230 v mains
A.N 392/A - Ph. RABIER and L. PERIER (SGS-THOMSON Microelectronics)
[2] - Design with microcontrollers in noisy environment
A.N 435 - L. PERIER (SGS-THOMSON Microelectronics)
[3] - Versatile and cost-effective induction motor drive with digital three phase generation
A.N 424 - B. MAURICE, JM. BOURGEOIS, B. SABY (SGS-THOMSON
Microelectronics)
[4] - Direct Software LCD Drive with ST621x and ST626x
A.N 594 - T. CASTAGNET, J. NICOLAI, N. MICHEL (SGS-THOMSON
Microelectronics)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14