전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN594 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN594
상세설명  This note describes a technique for driving
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN594 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN594 Datasheet HTML 3Page - STMicroelectronics AN594 Datasheet HTML 4Page - STMicroelectronics AN594 Datasheet HTML 5Page - STMicroelectronics AN594 Datasheet HTML 6Page - STMicroelectronics AN594 Datasheet HTML 7Page - STMicroelectronics AN594 Datasheet HTML 8Page - STMicroelectronics AN594 Datasheet HTML 9Page - STMicroelectronics AN594 Datasheet HTML 10Page - STMicroelectronics AN594 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Direct LCD Drive
7/28
Digit
Required
Segments
Status
COM1
OFF
OFF
OFF
ON
MCU
Output
Sequences
COM2
OFF
ON
OFF
ON
Timing Sequences
T1
1110
Eh
T2
0101
5h
T3
1010
Ah
T4
0001
1h
Digit
Required
Segments
Status
COM1
ON
ON
ON
ON
MCU
Output
Sequences
COM2
OFF
ON
ON
ON
Timing Sequences
T1
0000
0h
T2
0111
7h
T3
1000
8h
T4
1111
Fh
Digit
Required
Segments
Status
COM1
ON
OFF
ON
ON
MCU
Output
Sequences
COM2
OFF
ON
ON
ON
Timing Sequences
T1
0100
4h
T2
0111
7h
T3
1000
8h
T4
1011
Bh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com