전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN677 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 AN677
상세설명  Painless microcontroller code by graphical application description
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN677 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button AN677 Datasheet HTML 6Page - STMicroelectronics AN677 Datasheet HTML 7Page - STMicroelectronics AN677 Datasheet HTML 8Page - STMicroelectronics AN677 Datasheet HTML 9Page - STMicroelectronics AN677 Datasheet HTML 10Page - STMicroelectronics AN677 Datasheet HTML 11Page - STMicroelectronics AN677 Datasheet HTML 12Page - STMicroelectronics AN677 Datasheet HTML 13Page - STMicroelectronics AN677 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
5 HARDWARE IMPLEMENTATION
The binary executable code generated during the analyse process is simply programmed into
an EPROM or OTP MCU device to validate the application in the real world. By using a
ST62E25 mounted on an ST62 Starter-kit, it has been checked that:
By turning the potentiometer to the right or to the left, the appropriate output to one of the two
connected LEDs oscillates with a frequency increasing with the potentiometer rotation.
The frequency evolution is not linear with the potentiometer rotation according to the desired
response transformation.
When a reset is performed with the potentiometer slightly uncentered, any oscillation is
turned-off due to the autozero process.
12/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14