전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN863 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 AN863
상세설명  Improved sensorless control with the ST62 MCU for universal motor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN863 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button AN863 Datasheet HTML 14Page - STMicroelectronics AN863 Datasheet HTML 15Page - STMicroelectronics AN863 Datasheet HTML 16Page - STMicroelectronics AN863 Datasheet HTML 17Page - STMicroelectronics AN863 Datasheet HTML 18Page - STMicroelectronics AN863 Datasheet HTML 19Page - STMicroelectronics AN863 Datasheet HTML 20Page - STMicroelectronics AN863 Datasheet HTML 21Page - STMicroelectronics AN863 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20/22
IMPROVED SENSORLESS CONTROL WITH THE ST62 MCU FOR UNIVERSAL MOTOR
Hitting afterwards any key (except “e”) will resume normal operation. Hitting key “m”
twice stores the data presently displayed on the screen in a text file named
VISU.PRN under the same format as NUMBER.PRN, for latter use. Hitting key “e”
terminates the program execution. Figure 14 is an example of a file VISU.PRN im-
ported into a spreadsheet program. This is also what is displayed on the PC screen in
real time while the motor is running, and the program VISU.EXE is executing.
Figure 13. Connection motor control board - Personal computer by RS232 serial link.
The DB9 connector must be connected to the COM 1 serial port of the
computer.
Figure 14. Measured data as displayed on the PC screen. The horizontal axis represents
640 points, taken every 20 mS, for a total of 12.8 seconds. The curves show
the regulation response to a load step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22