전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN887 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 AN887
상세설명  MICROCONTROLLERS MADE EASY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN887 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button AN887 Datasheet HTML 4Page - STMicroelectronics AN887 Datasheet HTML 5Page - STMicroelectronics AN887 Datasheet HTML 6Page - STMicroelectronics AN887 Datasheet HTML 7Page - STMicroelectronics AN887 Datasheet HTML 8Page - STMicroelectronics AN887 Datasheet HTML 9Page - STMicroelectronics AN887 Datasheet HTML 10Page - STMicroelectronics AN887 Datasheet HTML 11Page - STMicroelectronics AN887 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
MICROCONTROLLERS MADE EASY
3 POWER SUPPLY ISSUES IN MCUs
Since automotive applications have been the driving force behind most microcontrollers, and
5 Volts was very easy to do in a car, most microcontrollers only supported 4.5 - 5.5 V opera-
tion. In the recent past, as consumer goods were beginning to drive major segments of the mi-
crocontroller market, and became portable and lightweight, the requirement for 3 volt (and
lower) microcontrollers became urgent. 3 volts means 2 battery solution, lower voltage and
longer battery life. Most low voltage parts in the market today are simply 5 volt parts that were
modified to operate at 3 volts (usually at a performance loss). Some micros being released
now are designed from the ground up to operate properly at 3.0 (and lower) voltages, which
offer a performance level comparable to 5 volt devices.
But why are voltages going down on ICs? There are a few interesting rules of thumb regarding
transistors:
1) The amount of power they dissipate is proportional to their size. If you make a transistor half
as big, it dissipates half as much power.
2) Their propagation delay is proportional to their size. If you make a transistor half as big, it’s
twice as fast.
3) Their cost is proportional to the square of their size. If you make them half as big, they cost
one quarter as much.
Figure 15. Transistor Parameter Scheme
For years people have been using 5 Volts to power integrated circuits. Because the transistors
were large, there was little danger damaging the transistor putting this voltage across it. How-
ever, now that the transistors are getting so small, 5 Volts would now destroy them. The only
way around this is to start lowering the voltage. This is also why people are now using 3 (ac-
tually 3.3) Volt logic, and this will certainly lead to lower voltages in the next few years.
VR02101N
POWER
SPEED
COST
SUPPLY VOLTAGE
SIZE
TRANSISTOR
+
-
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com