전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN900 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 AN900
상세설명  INTRODUCTION TO SEMICONDUCTOR TECHNOLOGY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN900 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button AN900 Datasheet HTML 7Page - STMicroelectronics AN900 Datasheet HTML 8Page - STMicroelectronics AN900 Datasheet HTML 9Page - STMicroelectronics AN900 Datasheet HTML 10Page - STMicroelectronics AN900 Datasheet HTML 11Page - STMicroelectronics AN900 Datasheet HTML 12Page - STMicroelectronics AN900 Datasheet HTML 13Page - STMicroelectronics AN900 Datasheet HTML 14Page - STMicroelectronics AN900 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
INTRODUCTION TO SEMICONDUCTOR TECHNOLOGY
Wafer is diffused with N-type dopants to form the
source and drain junction. The transistor gate
material acts as a barrier to the dopant providing
an undiffused channel self-aligned to the two junc-
tions. The wafer is then oxidized to seal the junc-
tions from contamination with a layer of SiO2.
A thick glass layer is then deposited over the wafer
(to provide better insulation), patterned with con-
tact holes and placed in a high temperature fur-
nace. Metal is deposited on the wafer and the in-
terconnect patterns and external bonding pads are
defined and etched. To prevent the device from
contamination or moisture attack, wafers are
sealed with a passivation layer. Patterning is
done for the last time opening up windows only
over the bond pads where external connections
will be made.
This completes basic fabrication sequence for a
single poly and single metal layer process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15