전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN975 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN975
상세설명  As part of a process of continuous improvement
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN975 데이터시트(HTML) 4 Page - STMicroelectronics

  AN975 Datasheet HTML 1Page - STMicroelectronics AN975 Datasheet HTML 2Page - STMicroelectronics AN975 Datasheet HTML 3Page - STMicroelectronics AN975 Datasheet HTML 4Page - STMicroelectronics AN975 Datasheet HTML 5Page - STMicroelectronics AN975 Datasheet HTML 6Page - STMicroelectronics AN975 Datasheet HTML 7Page - STMicroelectronics AN975 Datasheet HTML 8Page - STMicroelectronics AN975 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
UPGRADING FROM ST625X/6XB TO ST625X/6XC
Figure 2. OSG Filtering Function
1.1.2.1 Low Frequency Auxiliary Oscillator (LFAO)
The Low Frequency Auxiliary Oscillator has three main purposes. Firstly, it can be used to re-
duce power consumption in non timing critical routines. Secondly, it offers a fully integrated
system clock, without any external components. Lastly, it acts as a backup oscillator in case of
main oscillator failure.
This oscillator is available when the OSG option is selected in the option byte. In this case, it
automatically starts one of its periods after the first missing edge of the main oscillator, what-
ever the reason for the failure (main oscillator defective, no clock circuitry provided, main os-
cillator switched off...). See Figure 3.
Please note that the A/D converter accuracy is decreased, since the internal frequency is
below 1.2 MHz.
Figure 3. LFAO Oscillator Function
fOSC
fOSG
fINT
fOSC<fOSG
fOSC>fOSG
MAIN OSCILLATOR
STOPS
MAIN OSCILLATOR
RESTARTS
INTERNAL CLOCK DRIVEN BY LFAO
fOSC
fINT
fLFAO



Html Pages

1 2 3 4 5 6 7 8 9 10 11