| 전자부품 데이터시트 검색엔진 |
|
PRPRO4 데이터시트(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
PRPRO4 데이터시트(HTML) 1 Page - Tripp Lite. All Rights Reserved |
|
1 / 2 page ![]() Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 65-ft. Range MODEL NUMBER: PR-PRO4 Description The Presentation Pro Remote Gyro allows you to control your mouse movement with a sweep of your hand. Its micro receiver has a storage place in the remote for easy transport. With RF, laser, mouse and audio controls in one sleek remote, it is an ideal tool for presenters and lecturers. Offering a range of 65 feet, the Presentation Remote Pro Gyro covers meeting rooms and lecture halls - and the gamer mode will allow the remote to be used in Window based flight simulator and similar games. There is no software to install - just plug the receiver into the USB port on your PC and it works within seconds. Features RF Connectivity: Works up to 65-ft. - even through walls and furniture. Gyroscopic Mouse Control: Provides complete two-button mouse capabilities. Laser Pointer: Highlights details of your presentation with ease! Audio Controls: Adjust system volume on the PC or Mac. Advanced Functions: Start and End presentations, or hide the slide (darken the screen) with a push of a button. Plug and Play: No software to install, just plug the receiver into the USB port and the remote begins to work within seconds. Pop In/Out Receiver: The RF receiver stores in the top of the remote when not in use. On-Off Switch: Prevents the battery from accidentally draining when the remote is being carried in your pocket or laptop bag. Gamer Mode: Easy to use gamer remote for many Microsoft Windows based simulator games. AAA Batteries: Easy to buy when you need to replace the batteries. Travel Pouch: Convenient drawstring carry pouch with small inner pocket. Windows Compatible: Designed for use on Windows 98SE, XP, Vista and Win 7. MAC: An available USB Port MAC OS 10.6.6 or later (F5 function key limited to presentation exit only) Controls PowerPoint and similar presentation software. Highlights 65-ft. RF range Gyroscopic technology 2-button mouse Laser pointer Audio controls Multi-switch modes (On/Off, Presentation & Gamer) System Requirements Windows:An available USB port, Windows 98SE/Me/2000/XP/Vista/Windows 7 MAC: An available USB port, MAC OS 10.6.6 or later (F5 function key limited to presentation exit only) Presentation Software: This remote control is designed for use with PowerPoint. It will also work with other presentation programs that use the same keystrokes as PowerPoint. The remote supports both Slide Show view and Presenter view within PowerPoint. Volume Control: Volume control buttons adjust system volume on a PC. Projectors: This remote is compatible with all brands of projectors. Package Includes Remote with USB receiver Owner's manual Two AAA batteries for remote Travel pouch 1 / 2 |
유사한 부품 번호 - PRPRO4 |
|
유사한 설명 - PRPRO4 |