전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD63 데이터시트(PDF) 52 Page - NEC

부품명 UPD63
상세설명  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD63 데이터시트(HTML) 52 Page - NEC

Back Button UPD63 Datasheet HTML 48Page - NEC UPD63 Datasheet HTML 49Page - NEC UPD63 Datasheet HTML 50Page - NEC UPD63 Datasheet HTML 51Page - NEC UPD63 Datasheet HTML 52Page - NEC UPD63 Datasheet HTML 53Page - NEC UPD63 Datasheet HTML 54Page - NEC UPD63 Datasheet HTML 55Page - NEC UPD63 Datasheet HTML 56Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
52
µPD63, 63A, 64
Recommended Ceramic Resonator (TA = –40 to +85 ˚C)
(2/2)
Manufacturer
Recommended Constant
Power Supply
(Order Disregarded)
Part Number
Voltage [V]Note
Remark
C1 [pF]
C2 [pF]
Rd [k
Ω]
MIN.
MAX.
Kyocera Corp.
KBR-2.5MS
33
33
0
1.8
3.6
KBR-3.58MSB
33
33
0
1.8
3.6
KBR-3.58MKC
Unnecessary
0
1.8
3.6
(C-containing type)
KBR-4.0MSB
33
33
0
1.8
3.6
KBR-4.0MKC
Unnecessary
0
1.8
3.6
(C-containing type)
KBR-6.0MSB
33
33
0
2.2
3.6
KBR-6.0MKC
Unnecessary
0
2.2
3.6
(C-containing type)
KBR-8.0M
33
33
0
2.2
3.6
PBRC3.58A
33
33
0
1.8
3.6
Surface-mount type
PBRC3.58B
Unnecessary
0
1.8
3.6
(C-containing type)
PBRC4.00A
33
33
0
1.8
3.6
PBRC4.00B
Unnecessary
0
1.8
3.6
(C-containing type)
PBRC6.00A
33
33
0
2.2
3.6
PBRC6.00B
Unnecessary
0
2.2
3.6
(C-containing type)
Note When a POC circuit (mask option) is not incorporated
An external circuit example
XIN
XOUT
C1
C2
Rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68