전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1325 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 AN1325
상세설명  This application note describes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1325 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button AN1325 Datasheet HTML 7Page - STMicroelectronics AN1325 Datasheet HTML 8Page - STMicroelectronics AN1325 Datasheet HTML 9Page - STMicroelectronics AN1325 Datasheet HTML 10Page - STMicroelectronics AN1325 Datasheet HTML 11Page - STMicroelectronics AN1325 Datasheet HTML 12Page - STMicroelectronics AN1325 Datasheet HTML 13Page - STMicroelectronics AN1325 Datasheet HTML 14Page - STMicroelectronics AN1325 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14/15
USING THE ST7 USB LOW-SPEED LIBRARY V4.2x
5 HOW TO START A NEW APPLICATION
1. Make a copy of the complete “EvaluationKit” project. Give an appropriate name to this new
directory.
2. Remove all the parts that concern the EvalKit application (modification in Applet.c, Main.c,
HIDLayer.c, Int_xxx, ...).
3. Create a new workspace and select the MAK file corresponding to the device you are using.
4. Modify the toolchain configuration files (MAK, PRM, LKF etc...).
5. Modify the file “USB_Opts.h” (in “Appli/Includes” directory) according to your application
needs.
6. Modify the files “Descript.c” and “Descript.h” (in “Appli” directory) with your own descriptors.
Don’t forget to put your own Vendor ID (assigned by the USB-IF).
7. Add your application in the file “main.c” (in “Appli” directory) inside the “EndPoint 1 & 2 man-
agement section”. Build your report_IN and send data or receive data and process the
report_OUT). You can also create new files.
8. Process the non-standard requests (Vendor and Class) in the file “USB_App.c” (in “Appli”
directory).
9. For HID CLASS requests, use the “HIDlayer.c” and “HIDlayer.h” files (in “Appli” directory).
10. You might want to use as well the predefined modules “User_Var.h” and “User_Def.h” (in
“Applis” directory).
6 OTHER DOCUMENTS
For further information on the DFU please refer to the following documents :
- AN1577 “Device Firmware Upgrade (DFU) for ST7 USB devices”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15