전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1441 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 AN1441
상세설명  The ST890 is a low voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1441 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button AN1441 Datasheet HTML 5Page - STMicroelectronics AN1441 Datasheet HTML 6Page - STMicroelectronics AN1441 Datasheet HTML 7Page - STMicroelectronics AN1441 Datasheet HTML 8Page - STMicroelectronics AN1441 Datasheet HTML 9Page - STMicroelectronics AN1441 Datasheet HTML 10Page - STMicroelectronics AN1441 Datasheet HTML 11Page - STMicroelectronics AN1441 Datasheet HTML 12Page - STMicroelectronics AN1441 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN1441
Application information
Doc ID 8422 Rev 2
9/13
2
Application information
The ST890 application circuit needs few external components.
2.1
Power supply filtering
A 1 µF capacitor to GND can be placed at the input to reduce the drop voltage during
switching and short-circuit events. On the OUT pin to GND, a 100 nF capacitor filters the
output signal. For example, Figure 10 and 11 show the output voltage in a switching
condition, with a load-sinked current of 500 mA. In order to improve the performance of the
ST890, the filter capacitors should be placed near the pins.
2.2
PCB rules
Regarding the PCB (printed circuit board), some rules should be followed: the IN and OUT
pins should be connected using a large metal area to reduce the wire resistance and to
reduce the drop voltage between IN and OUT. The SET, FAULT and ON pins are not critical.
2.3
PCB thermal dissipation
Figure 12.
ST890 demonstration board (not to scale)
A ground plane is useful when improving the power dissipation of the ST890 device. In
normal conditions the package used for the ST890 device, the SO-8, can dissipate the
power produced by the ILIMIT current that flows through the switch, P = I
2
LIMIT x RON. This
power is also equivalent to P = V2SW/RON, where VSW is the drop voltage of the switch in
ON state. When the OUT pin is shorted to GND the VSW increases as well as the power and
the junction temperature. This temperature, which continually increases until the thermal
AM00169v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com