| 전자부품 데이터시트 검색엔진 |
|
AN1526 데이터시트(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1526 데이터시트(HTML) 13 Page - STMicroelectronics |
|
13 / 26 page ![]() 13/26 ST7FLITE0 QUICK REFERENCE NOTE JRC d Jump Relative if C = 1 PC ⇐ PC + d IF C = 1 mem - - JRNC d Jump Relative if C = 0 PC ⇐ PC + d IF C = 0 mem - - JRULT d Jump Relative if C = 1 PC ⇐ PC + d IF C = 1 mem - - JRUGE d Jump Relative if C = 0 PC ⇐ PC + d IF C = 0 mem - - JRUGT d Jump Relative if (C + Z) = 0 PC ⇐ PC + d IF (C OR Z) = 1 mem - - JRULE d Jump Relative if (C + Z) = 1 PC ⇐ PC + d IF (C OR Z) = 0 mem - - LD d, s Load s in d d ⇐ s reg, mem mem, reg N, Z MUL d, s Multiply d by s d:s ⇐ d * s A, X, Y A, X, Y H = 0, C = 0 NEG d Negate d (logical 2-complement) d ⇐ (d XOR FFh) + 1 reg, mem - N, Z, C NOP No operation - - - - OR d, s Logical OR (d with s) d ⇐ d OR s A mem N, Z POP d Pop from the Stack d ⇐ (++SP) reg, CC - H, I, N, Z, C PUSH d Push onto the Stack (SP- -) ⇐ d- reg, CC - RCF Reset carry flag C ⇐ 0- - C = 0 RET Subroutine return POP PC - - - RIM Reset interrupt mask I ⇐ 0- - I = 0 RLC d Rotate left through carry reg, mem - N, Z, C RRC d Rotate right through carry reg, mem - N, Z, C RSP Reset Stack pointer SP ⇐ reset value - - - SBC d, s Subtract s from d with carry d ⇐ d - s - C A mem N, Z, C SCF Set carry flag C ⇐ 1- - C = 1 SIM Set interrupt mask I ⇐ 1- - I = 1 SLA d Shift left arithmetic (equal to SLL 1) reg, mem - N, Z, C SLL d Shift left logical reg, mem - N, Z, C SRA d Shift right arithmetic (equal to SRL 1) reg, mem - N, Z, C SRL d Shift right logical reg, mem - N = 0, Z, C SUB d, s Subtract s from d d ⇐ d - s A mem N, Z, C SWAP d Swap nibbles d (7:4) ⇔ d (3:0) reg, mem -N, Z TNZ d Test for negative and zero {N, Z} ⇐ TEST (d) reg, mem -N, Z Table 5. Instruction Set Mnemonic Description Operation Dest. Source Flags C ← 70 C → 70 C ← 70 ← 0 C ← 70 ← 0 70 → 0 0 → 70 → C |