전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1528 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN1528
상세설명  The testflash is a ST reserved flash area that contains device information
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1528 데이터시트(HTML) 5 Page - STMicroelectronics

  AN1528 Datasheet HTML 1Page - STMicroelectronics AN1528 Datasheet HTML 2Page - STMicroelectronics AN1528 Datasheet HTML 3Page - STMicroelectronics AN1528 Datasheet HTML 4Page - STMicroelectronics AN1528 Datasheet HTML 5Page - STMicroelectronics AN1528 Datasheet HTML 6Page - STMicroelectronics AN1528 Datasheet HTML 7Page - STMicroelectronics AN1528 Datasheet HTML 8Page - STMicroelectronics AN1528 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
ST92F120/F124/150/F250 TESTFLASH
2.3 PROTECTIONS
The TestFlash locations shown by the following figure have a special meaning related to the
Access and Write Flash Protection features (refer to the datasheets).
Figure 3. Protection Map
NVAPR
NVWPR
231FFCh
231FFDh
Protection
231FFEh
NVPWD0
NVPWD1
231FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18